PART |
Description |
Maker |
FQB6N15 FQI6N15 FQI6N15TU FQB6N15TM |
150V N-Channel QFET 150V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FDS2582 |
Discrete Commercial N-Channel UltraFET TRENCH MOSFET, 150V, 4.5A, 0.060 Ohm @ Vgs = 10V, SO-8 Package 12 AMP MINIATURE POWER RELAY N-Channel PowerTrench MOSFET 150V/ 4.1A/ 66m N-Channel PowerTrench MOSFET 150V, 4.1A, 66mз N-Channel PowerTrench MOSFET 150V, 4.1A, 66m?/a>
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
IRF5NJ3315 |
150V Single N-Channel Hi-Rel MOSFET in a SMD-0.5 package POWER MOSFET N-CHANNEL(Vdss=150V, Rds(on)=0.08ohm, Id=20A) SURFACE MOUNT (SMD-0.5) 150V, N-CHANNEL POWER MOSFET N-CHANNEL(Vdss=150V/ Rds(on)=0.08ohm/ Id=20A)
|
IRF[International Rectifier]
|
IRF5Y6215CM |
-150V Single P-Channel Hi-Rel MOSFET in a TO-257AA package POWER MOSFET P-CHANNEL(Vdss=-150V, Rds(on)=0.29ohm, Id=-11A) THRU-HOLE (TO-257AA) 150V, P-CHANNEL POWER MOSFET P-CHANNEL(Vdss=-150V Rds(on)=0.29ohm Id=-11A)
|
IRF[International Rectifier]
|
IRFB23N15 IRFSL23N15D IRFB23N15DPBF IRFS23N15D |
Power MOSFET(Vdss=150V/ Rds(on)max=0.090ohm/ Id=23A) 150V Single N-Channel HEXFET Power MOSFET in a TO-262 package 150V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 150V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|
SB002-15SPA SB002-15CPA |
150V/ 20mA Rectifier Shottky barrier diode, 150V/20mA rectifier 150V, 20mA Rectifier Small signal(single type)
|
Sanyo Electric Co.,Ltd. Sanyo Semiconductor SANYO[Sanyo Semicon Device]
|
IRFPS3815 |
150V Single N-Channel HEXFET Power MOSFET in a Super 247 (TO-274AA) package Power MOSFET(Vdss=150V, Rds(on)=0.015ohm, Id=105A)
|
IRF[International Rectifier]
|
HUF75831SK8T HUF75831SK8 |
3A, 150V, 0.095 Ohm, N-Channel, UltraFETPower MOSFET 3A, 150V, 0.095 Ohm, N-Channel, UltraFET Power MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
STP40NS15 |
N-CHANNEL 150V 0.042 OHM 40A TO-220 MESH OVERLAY MOSFET N-CHANNEL 150V - 0.042ohm - 40A TO-220 MESH OVERLAY MOSFET N-CHANNEL 150V - 0.042ohm - 40A TO-220 MESH OVERLAY⑩ MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
IRFSL33N15D IRFS33N15DTRL IRFS33N15DTRR IRFB33N15D |
150V Single N-Channel HEXFET Power MOSFET in a TO-262 package 150V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 150V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
International Rectifier
|
HUFA75842S3S HUFA75842P3 HUFA75842S3ST |
43A, 150V, 0.042 Ohm, N-Channel, UltraFETPower MOSFET 43A 150V 0.042 Ohm N-Channel UltraFET Power MOSFET 43A, 150V, 0.042 Ohm, N-Channel, UltraFET Power MOSFET 43 A, 150 V, 0.042 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB 43A, 150V, 0.042 Ohm, N-Channel, UltraFET Power MOSFET 43 A, 150 V, 0.042 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|